Part Number Hot Search : 
M78L0 BC214C 71418 13003X AA1A3QC N74ACT 74VCX16 60125
Product Description
Full Text Search
 

To Download 3KP15CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3000W Transient Voltage Suppressor 3KP5.0A - 3KP220CA 3000W Transient Voltage Suppressor
Features
Glass passivated junction 3000W peak pulse power capability at 10/1000s waveform repetition rate (duty cycles): 0.01% Fast response time: typically less than 1.0ps from 0v to VBR min. Excellent clamping capability Low incremental surge resistance High temperature soldering guaranteed: 260C/40 seconds, 0.375" (9.5mm) lead length at 5lbs. (2.3kg) tension RoHS Compliant
T6L
Mechanical Data
Case: Lead: Polarity: Mounting position: Weight:
Molded plastic body, T6L Plated axial leads, solderable per MIL-STD-750, Method 2026 Color band denotes the cathode except Bi-directional Any
0.07 ounce, 2.1 grams
Maximum Ratings (T Ambient=25C unless noted otherwise)
Symbol VWM PPPM IPPM IFSM VF RthJA RthJL TJ,TSTG Description
Maximum Recurrent Peak Reverse Voltage Peak Pulse Power Dissipation on 10/1000s Waveform Peak Pulse Current with 10/1000s Waveform Peak Forward Surge Current, Uni-directional only Maximum Instantaneous Forward Voltage at 100A for Uni-directional only Typical Thermal Resistance to Ambient Typical Thermal Resistance to Leadt Operating Junction and Storage Temperature Range
Value
5.0 to 220 Minimum 3000 See Table 300 3.5 5.0 40 8.0 -55 to +175
Unit
V W A A V C/W C/W C Note 1 Note 1
Conditions
8.3ms single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum 3KP5.0~3KP200 3KP210~3KP220
Notes: (1) Non-repetitive current pulse, per Fig.3 and derated above TA = 25C per Fig. 2
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON Fax: (800)-TAITFAX (800)-824-8766 (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. A/AH 2008-02-22 Page 1 of 6
3000W Transient Voltage Suppressor 3KP5.0A - 3KP220CA
Electrical Characteristics (T Ambient=25C unless noted otherwise)
Stand-Off Voltage Breakdown Voltage @ Test Current (note1) Max. Reverse Leakage Current @ VWM Max. Clamping Voltage @ IPPM Max. Peak Pulse Current
P/N (note3)
VBR
Uni-Polar 3KP5.0A 3KP6.0A 3KP6.5A 3KP7.0A 3KP7.5A 3KP8.0A 3KP8.5A 3KP9.0A 3KP10A 3KP11A 3KP12A 3KP13A 3KP14A 3KP15A 3KP16A 3KP17A 3KP18A 3KP20A 3KP22A 3KP24A 3KP26A 3KP28A 3KP30A 3KP33A 3KP36A Bi-Polar 3KP5.0CA 3KP6.0CA 3KP6.5CA 3KP7.0CA 3KP7.5CA 3KP8.0CA 3KP8.5CA 3KP9.0CA 3KP10CA 3KP11CA 3KP12CA 3KP13CA 3KP14CA 3KP15CA 3KP16CA 3KP17CA 3KP18CA 3KP20CA 3KP22CA 3KP24CA 3KP26CA 3KP28CA 3KP30CA 3KP33CA 3KP36CA
IT
Max. 7.00 7.37 7.98 8.60 9.21 9.83 10.40 11.10 12.30 13.50 14.70 15.90 17.20 18.50 19.70 20.90 22.10 24.50 26.90 29.50 31.90 34.40 36.80 40.60 44.20 (mA) 50 50 50 50 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
VWM
(V) 5.0 6.0 6.5 7.0 7.5 8.0 8.5 9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 33.0 36.0
Min. 6.40 6.67 7.22 7.78 8.33 8.89 9.44 10.00 11.10 12.20 13.30 14.40 15.60 16.70 17.80 18.90 20.00 22.20 24.40 26.70 28.90 31.10 33.30 36.70 40.00
ID (A)
(note2)
VC (V)
9.2 10.3 11.2 12.0 12.9 13.6 14.4 15.4 17.0 18.2 19.9 21.5 23.2 24.4 26.0 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1
IPPM (A)
(note1)
5000/10000 5000/10000 2000/4000 1000/2000 250/500 150/300 50/100 20/40 15 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2
326.1 291.3 267.9 250.0 232.6 220.6 208.3 194.8 176.5 164.8 150.8 139.5 129.3 123.0 115.4 108.7 102.7 92.6 84.5 77.1 71.3 66.1 62.0 56.3 51.6
Rev. A/AH 2008-02-22 www.taitroncomponents.com Page 2 of 6
3000W Transient Voltage Suppressor 3KP5.0A - 3KP220CA
P/N (note3) Stand-Off Voltage Breakdown Voltage @ Test Current (note1) Max. Reverse Leakage Current @ V WM Max. Clamping Voltage @ I PPM Max. Peak Pulse Current
VBR
Uni-Polar 3KP40A 3KP43A 3KP45A 3KP48A 3KP51A 3KP54A 3KP58A 3KP60A 3KP64A 3KP70A 3KP75A 3KP78A 3KP85A 3KP90A 3KP100A 3KP110A 3KP120A 3KP130A 3KP150A 3KP160A 3KP170A 3KP180A 3KP190A 3KP200A 3KP210A 3KP220A Bi-Polar 3KP40CA 3KP43CA 3KP45CA 3KP48CA 3KP51CA 3KP54CA 3KP58CA 3KP60CA 3KP64CA 3KP70CA 3KP75CA 3KP78CA 3KP85CA 3KP90CA 3KP100CA 3KP110CA 3KP120CA 3KP130CA 3KP150CA 3KP160CA 3KP170CA 3KP180CA 3KP190CA 3KP200CA 3KP210CA 3KP220CA
IT
Max. 49.10 52.80 55.30 58.90 62.70 66.30 71.20 73.70 78.60 86.00 92.10 95.80 (mA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
VWM
(V) 40.0 43.0 45.0 48.0 51.0 54.0 58.0 60.0 64.0 70.0 75.0 78.0 85.0 90.0 100.0 110.0 120.0 130.0 150.0 160.0 170.0 180.0 190.0 200.0 210.0 220.0
Min. 44.40 47.80 50.00 53.30 56.70 60.00 64.40 66.70 71.10 77.80 83.30 86.70 94.40 100.00 111.00 122.00 133.00 144.00 167.00 178.00 189.00 200.00 211.00 222.00 233.00 244.00
ID (A)
(note2)
VC (V)
64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103.0 113.0 121.0 126.0 137.0 146.0 162.0 177.0 193.0 209.0 243.0 259.0 275.0 289.0 310.0 329.2 349.5 371.1
IPPM (A)
(note1)
2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2
46.5 43.2 41.3 38.8 36.4 34.4 32.1 31.0 29.1 26.5 24.8 23.8 21.9 20.5 18.5 16.9 15.5 14.4 12.3 11.6 10.9 10.4 9.7 9.1 8.6 8.1
104.00 111.00 123.00 135.00 147.00 159.00 185.00 197.00 209.00 221.00 233.00 246.00 258.00 270.00
Rev. A/AH 2008-02-22 www.taitroncomponents.com Page 3 of 6
3000W Transient Voltage Suppressor 3KP5.0A - 3KP220CA
Note: 1. Surge current waveform per Fig. 3 and derate per Fig. 2 2. For Bi-directional types with VWM of 10 volts and less, the ID limit is doubled. 3. C suffix for Bidirectional use, A suffix for 5% tolerance.
Typical Characteristics Curves
Fig.1- Peak Pulse Power Rating Curve Fig.2- Pulse Derating Curve
PPPM-Peak Pulse Power (KW)
PPPM or IPPM (%)
Pulse Width td
Ambient Temperature TA (C)
IFSM-Peak Forward Surge Current (A)
Fig.3- Pulse Waveform
Fig.4- Max. Non-Repetitive Forward Surge Current Uni-directional only
IPPM-Peak Pulse Current (%)
Time t (ms)
Number of Cycles at 60Hz
Rev. A/AH 2008-02-22 www.taitroncomponents.com Page 4 of 6
3000W Transient Voltage Suppressor 3KP5.0A - 3KP220CA
Fig.5- Typical Junction Capacitance
CJ-Capacitance (pF)
Breakdown Voltage (VBR)
Dimensions in inch (mm)
T6L
Rev. A/AH 2008-02-22 www.taitroncomponents.com Page 5 of 6
3000W Transient Voltage Suppressor 3KP5.0A - 3KP220CA
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 247-2232 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN' AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. A/AH 2008-02-22 www.taitroncomponents.com Page 6 of 6


▲Up To Search▲   

 
Price & Availability of 3KP15CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X